Part Number Hot Search : 
EP314 TWD6018 DZ15B DZ15B PBD3534 74HC08 78M12 STRLPBF
Product Description
Full Text Search
 

To Download SH100M160ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2000 hour long life, aluminum electrolytic m allor y sh specifcations capacitance range: voltage range: capacitance tolerance: operating temperature range: dc leakage current: complies with the eu directive 2002/95/ec requirement restricting the use of lead (pb), mercury (hg), cadmium (cd), hexavalent chromium (cr(vi)), polybrominated biphenyls (pbb) and polybrominated diphenyl ethers (pbde). dissipation factor @ 120 hz, +25 oc: ripple multipliers for frequency and temperature: ambient ripple temperature multiplier +105 oc 1.00 +85 oc 1.50 +70 oc 1.80 load life test: shelf life: type sh is a radial leaded aluminum electrolytic ca - pacitor with a +105 oc, 2000 hour long life rating. the sh is a high reliability product and is ideal for high quality applications that require long life in high tem - peratures environments. highlights ? +105 oc ? 2000 hours - long life ? high reliability ? available in t&r and ammo pack 1.0 to 4700 f 6.3 to 450 vdc 20% C40 oc to +105 oc (C25 oc for 160 to 450 vdc) after 2 minutes, 25 oc at rated voltage 6.3 to 100 vdc i = .01cv + 3 a max 160 vdc after voltage applied for 3 minutes i = .03cv + 10 a max c = capacitance in (f) v = rated voltage i = leakage current in a wv (v) 6.3 10 16 25 35 50 63 100 160-250 400-450 df(%) 26 22 18 16 14 12 10 10 15 20 above 1000 f, the value of df (%) is increased 2% for every additional 1000 f rated ripple multipliers wvdc 60hz 120hz 1khz 10khz 6 to 25 35 to 100 160 to 450 0.80 0.75 0.70 1.0 1.0 1.0 1.1 1.3 1.4 1.2 1.4 1.6 apply rated wvdc for 2000 hours at +105 oc capacitance change within 20% of initial value df not to exceed 200% of initial requirement dc leakage current meets initial limits 1000 hrs @105 oc with no voltage applied cap change within 20% of initial value df 200% of initial requirements dc leakage current meets initial requirement cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
outline drawing outline dimensions (millimeters) l s ?0.5 15 min. d 5 + pvc sleeve d ?0.05 + - case vented on vinyl sleeve adds .5 max. to diameter diameters 6.3 and greater and 2.0 max. to length part numbering system sh 100 m 100 s t capacitance rated lead type capacitance tolerance voltage packaging confguration (f) (%) (vdc) sh 1r0 = 1 k = 10 6r3 = 6.3 a = tape & ammo 1 = lead cut 100 = 10 m = 20 010 = 10 e = different characteristic 2 = lead form 101 = 100 100 = 100 r = tape & reel 4 = lead crimp & cut (form) 102 = 1000 s = standard t = standard temperature characteristics 40 30 47?f 100v 100?f 160v 100 20 50 10 %?df %?c 0 10 -10 55 -20 1 -30 100?f 160v 47?f 100v -40 0 40 80 120 -40 0 40 80 120 temperature c temperature c capacitance change ratio dissipation factor change load life characteristics 47?f 100v 100?f 160v 100 10 20 100?f 160v 470?f 25v 50 %?c 0 %?df 15 %?lc -10 10 10 5 -20 5 0 500 1000 1500 2000 0 500 1000 1500 2000 1 time in hours time in hours 100?f 160v 47?f 100v 0 500 1000 1500 2000 capacitance change ratio dissipation factor change time in hours leakage current change cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
ratings capacitance (uf) catalog part number esr 120 hz/+25c (ohms) max ripple current 120 hz/ +105c (ma) size in. (mm) diameter (d) length (l) lead space (s) lead dia. (d) 6.3 vdc (8 volts surge) 47 100 220 330 470 1000 2200 3300 4700 sh470m6r3st sh101m6r3st sh221m6r3st sh331m6r3st sh471m6r3st sh102m6r3st sh222m6r3st sh332m6r3st sh472m6r3st 7.34 3.45 1.57 1.04 0.73 0.34 0.17 0.12 0.09 65 0.197 (5.0) 100 0.197 (5.0) 165 0.248 (6.3) 200 0.315 (8.0) 280 0.315 (8.0) 470 0.394 (10.0) 930 0.512 (13.0) 1100 0.512 (13.0) 1320 0.630 (16.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.433 (11.0) 0.138 (3.5) 0.492 (12.5) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 10 vdc (13 volts surge) 47 100 220 330 470 1000 2200 3300 4700 sh470m010st sh101m010st sh221m010st sh331m010st sh471m010st sh102m010st sh222m010st sh332m010st sh472m010st 6.21 2.92 1.33 0.88 0.62 0.29 0.14 0.10 0.08 75 0.197 (5.0) 110 0.197 (5.0) 180 0.248 (6.3) 255 0.315 (8.0) 305 0.315 (8.0) 570 0.394 (10.0) 1010 0.512 (13.0) 1220 0.512 (13.0) 1410 0.630 (16.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.433 (11.0) 0.138 (3.5) 0.630 (16.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.197 (5.0) 0.984 (25.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 16 vdc (20 volts surge) 33 47 100 220 330 470 1000 2200 3300 4700 sh330m016st sh470m016st sh101m016st sh221m016st sh331m016st sh471m016st sh102m016st sh222m016st sh332m016st sh472m016st 7.23 5.08 2.39 1.09 0.72 0.51 0.24 0.12 0.09 0.07 70 0.197 (5.0) 85 0.197 (5.0) 135 0.248 (6.3) 235 0.315 (8.0) 285 0.315 (8.0) 395 0.394 (10.0) 700 0.394 (10.0) 1150 0.512 (13.0) 1350 0.630 (16.0) 1560 0.630 (16.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.433 (11.0) 0.138 (3.5) 0.492 (12.5) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.197 (5.0) 0.984 (25.0) 0.295 (7.5) 1.26 (32.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) 25 vdc (32 volts surge) 10 22 33 47 100 220 330 470 1000 2200 3300 4700 sh100m025st sh220m025st sh330m025st sh470m025st sh101m025st sh221m025st sh331m025st sh471m025st sh102m025st sh222m025st sh332m025st sh472m025st 21.22 9.65 6.43 4.52 2.12 0.96 0.64 0.45 0.21 0.11 0.08 0.06 39 0.197 (5.0) 60 0.197 (5.0) 75 0.197 (5.0) 90 0.197 (5.0) 145 0.248 (6.3) 250 0.394 (10.0) 355 0.394 (10.0) 470 0.394 (10.0) 855 0.512 (13.0) 1230 0.630 (16.0) 1450 0.630 (16.0) 1690 0.709 (18.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.492 (12.5) 0.197 (5.0) 0.492 (12.5) 0.197 (5.0) 0.630 (16.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.295 (7.5) 1.26 (32.0) 0.295 (7.5) 1.40 (36.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) 0.031 (0.8) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
ratings capacitance (uf) catalog part number esr 120 hz/+25c (ohms) max ripple current 120 hz/ +105c (ma) size in. (mm) diameter (d) length (l) lead space (s) lead dia. (d) 35 vdc (44 volts surge) 10 22 33 47 100 220 330 470 1000 2200 3300 sh100m035st sh220m035st sh330m035st sh470m035st sh101m035st sh221m035st sh331m035st sh471m035st sh102m035st sh222m035st sh332m035st 18.57 8.44 5.63 3.95 1.86 0.84 0.56 0.40 0.19 0.10 0.07 40 0.197 (5.0) 65 0.248 (6.3) 85 0.248 (6.3) 115 0.248 (6.3) 190 0.315 (8.0) 315 0.394 (10.0) 440 0.394 (10.0) 580 0.512 (13.0) 995 0.512 (13.0) 1450 0.630 (16.0) 1660 0.709 (18.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.492 (12.5) 0.197 (5.0) 0.630 (16.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.197 (5.0) 1.26 (32.0) 0.295 (7.5) 1.40 (36.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) 50 vdc (63 volts surge) 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 sh010m050st sh2r2m050st sh3r3m050st sh4r7m050st sh100m050st sh220m050st sh330m050st sh470m050st sh101m050st sh221m050st sh331m050st sh471m050st sh102m050st sh222m050st 159.15 72.34 48.23 33.86 15.92 7.23 4.82 3.39 1.59 0.72 0.48 0.34 0.16 0.08 12 0.197 (5.0) 18 0.197 (5.0) 25 0.197 (5.0) 30 0.197 (5.0) 50 0.197 (5.0) 75 0.197 (5.0) 105 0.248 (6.3) 125 0.315 (8.0) 210 0.394 (10.0) 400 0.394 (10.0) 535 0.394 (10.0) 730 0.512 (13.0) 1110 0.630 (16.0) 1530 0.709 (18.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.492 (12.5) 0.197 (5.0) 0.630 (16.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.295 (7.5) 1.40 (36.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) 63 vdc (79 volts surge) 4.7 10 22 33 47 100 220 330 470 1000 sh4r7m063st sh100m063st sh220m063st sh330m063st sh470m063st sh101m063st sh221m063st sh331m063st sh471m063st sh102m063st 28.22 13.26 6.03 4.02 2.82 1.33 0.60 0.40 0.28 0.13 34 0.197 (5.0) 55 0.197 (5.0) 90 0.248 (6.3) 110 0.315 (8.0) 155 0.315 (8.0) 260 0.394 (10.0) 460 0.394 (10.0) 650 0.512 (13.0) 800 0.512 (13.0) 1200 0.630 (16.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.433 (11.0) 0.138 (3.5) 0.492 (12.5) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.787 (20.0) 0.197 (5.0) 0.984 (25.0) 0.197 (5.0) 1.26 (32.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 100 vdc (125 volts surge) 1 2.2 3.3 4.7 10 22 sh010m100st sh2r2m100st sh3r3m100st sh4r7m100st sh100m100st sh220m100st 132.63 60.29 40.19 28.22 13.26 6.03 15 0.197 (5.0) 22 0.197 (5.0) 29 0.197 (5.0) 37 0.197 (5.0) 65 0.248 (6.3) 115 0.315 (8.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.079 (2.0) 0.433 (11.0) 0.098 (2.5) 0.433 (11.0) 0.138 (3.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
ratings capacitance (uf) catalog part number esr 120 hz/+25c (ohms) max ripple current 120 hz/ +105c (ma) size in. (mm) diameter (d) length (l) lead space (s) lead dia. (d) 100 vdc (125 volts surge) 33 47 100 220 330 470 sh330m100st sh470m100st sh101m100st sh221m100st sh331m100st sh471m100st 4.02 2.82 1.33 0.60 0.40 0.28 160 0.394 (10.0) 0.492 (12.5) 0.197 (5.0) 210 0.394 (10.0) 0.630 (16.0) 0.197 (5.0) 385 0.512 (13.0) 0.787 (20.0) 0.197 (5.0) 590 0.630 (16.0) 0.984 (25.0) 0.295 (7.5) 720 0.630 (16.0) 0.984 (25.0) 0.295 (7.5) 875 0.630 (16.0) 1.26 (32.0) 0.295 (7.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) 0.031 (0.8) *160 vdc (200 volts surge) 1 2.2 3.3 4.7 10 22 33 47 100 sh010m160st sh2r2m160st sh3r3m160st sh4r7m160st SH100M160ST sh220m160st sh330m160st sh470m160st sh101m160st 198.94 90.43 60.29 42.33 19.89 9.04 6.03 4.23 1.99 17 0.197 (5.0) 0.433 (11.0) 0.079 (2.0) 25 0.248 (6.3) 0.433 (11.0) 0.098 (2.5) 36 0.315 (8.0) 0.433 (11.0) 0.138 (3.5) 43 0.315 (8.0) 0.433 (11.0) 0.138 (3.5) 70 0.394 (10.0) 0.492 (12.5) 0.197 (5.0) 130 0.394 (10.0) 0.787 (20.0) 0.197 (5.0) 180 0.512 (13.0) 0.787 (20.0) 0.197 (5.0) 270 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 330 0.630 (16.0) 0.984 (25.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) *200 vdc (250 volts surge) 1 2.2 3.3 4.7 10 22 33 47 100 sh010m200st sh2r2m200st sh3r3m200st sh4r7m200st sh100m200st sh220m200st sh330m200st sh470m200st sh101m200st 198.94 90.43 60.29 42.33 19.89 9.04 6.03 4.23 1.99 17 0.248 (6.3) 0.433 (11.0) 0.098 (2.5) 25 0.248 (6.3) 0.433 (11.0) 0.098 (2.5) 36 0.315 (8.0) 0.433 (11.0) 0.138 (3.5) 50 0.394 (10.0) 0.492 (12.5) 0.197 (5.0) 80 0.394 (10.0) 0.630 (16.0) 0.197 (5.0) 140 0.394 (10.0) 0.787 (20.0) 0.197 (5.0) 190 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 220 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 335 0.630 (16.0) 1.26 (32.0) 0.295 (7.5) 0.020 (0.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) *250 vdc (300 volts surge) 1 2.2 3.3 4.7 10 22 33 47 100 sh010m250st sh2r2m250st sh3r3m250st sh4r7m250st sh100m250st sh220m250st sh330m250st sh470m250st sh101m250st 198.94 90.43 60.29 42.33 19.89 9.04 6.03 4.23 1.99 17 0.248 (6.3) 0.433 (11.0) 0.098 (2.5) 29 0.315 (8.0) 0.433 (11.0) 0.138 (3.5) 42 0.394 (10.0) 0.492 (12.5) 0.197 (5.0) 50 0.394 (10.0) 0.492 (12.5) 0.197 (5.0) 88 0.394 (10.0) 0.787 (20.0) 0.197 (5.0) 155 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 190 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 230 0.630 (16.0) 0.984 (25.0) 0.295 (7.5) 340 0.709 (18.0) 1.40 (36.0) 0.295 (7.5) 0.020 (0.5) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.024 (0.6) 0.031 (0.8) 0.031 (0.8) *400 vdc (450 volts surge) 22 sh220m400st 12.06 110 0.630 (16.0) 0.984 (25.0) 0.295 (7.5) 0.031 (0.8) *450 vdc (500 volts surge) 10 sh100m450st 26.53 80 0.512 (13.0) 0.984 (25.0) 0.197 (5.0) 0.024 (0.6) * over 160 vdc the ripple is measured at 85 oc cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
taping & packaging fig. 1 - formed taping fig. 2 - straight taping (5 , 6.3 , 8 ) h w 0 w p 2 p f p 1 p 0 d h d 0 h 0 d a h w 0 w p 2 p p 1 p 0 d h d 0 h1 a f d t t fig. 3- straight taping (under 10 , 12 , 13 ) fig. 4- straight taping (16 , 18 ) h w 0 w t p 2 p f p 1 p 0 d h d 0 d a h w 0 w p 2 p f p 1 p 0 d h d 0 d a t standard lead spacing of taped components is 5mm other lead spacing is available b special order t ih d 0 h 0 h w 0 wf p 2 p 1 p 0 pdad max. 0.2 0.2 0.5 0.75 min. 0.5 1.3 0.7 0.2 1.0 0.05 1.00.5 tolerance +0.8 -0.2 fig. code item 8 5, 6.3 5 ~ 8 4 ~ 6.3 10 12, 13 16, 18 26.0 26.0 21.0 12.5 12.5 12.5 7.0 0.45 0.6 0.6 0.5 0.5 0.5 30.0 0.8 15.0 15.0 12.7 12.7 12.7 12.7 12.7 12.7 12.7 15.0 12.7 12.7 12.7 3.75 5.0 3.85 4.6 5.1 3.85 3.85 7.5 7.5 6.35 6.35 6.35 6.35 6.35 7.5 5.0 5.0 3.5 2.5 5.0 5.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 12.5 12.5 12.5 12.5 12.5 12.5 12.5 18.0 18.5 18.5 18.5 18.5 18.5 18.5 16.0 16.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 0.7 0.7 0.7 0.7 0.7 0.7 0.7 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3 2 1 ammo pack ammo pack boxes are shipped 5 to the outer packing carton a b c 4 44 1500 5 44 1200 6 44 1000 8 44 800 10 (12l) 44 600 10 (16l) 50 600 12, 13 - - 16 tape and reel quantities case diameter reel reel qty. d (mm) width (pcs.) 4 250 340 54 3000 5 250 340 54 2,000 6.3 290 340 54 2,000 8 250 340 54 1,000 1 0 (12 l) 290 340 54 600 10 (16 l) 350 340 59 600 10 (20 l) 340 340 71 600 12, 13 340 340 71 400 16 340 3 40 71 300 c3 a5 b max quantity per ammo pack box capacitor diameter d (mm) ammo pack box dimensions (mm) 4 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type sh 105 oc radial leaded aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of SH100M160ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X